Part Number Hot Search : 
PST7021M MAZY430 C4000 RODUC L74VHC1 SY10E N82503 HCT240
Product Description
Full Text Search
 

To Download HHBA-5221XP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HHBA-5218, HHBA-5219
Low Profile, 2 Gb/s Fibre Channel Adapters for High Performance Applications
Product Overview
Features * Low profile, MD2 short card * 64-bit, 66 MHz universal PCI interface (2.2 compliant) * Fibre channel data transfer rates: - Up to 200 MB/s (half duplex) - Up to 400 MB/s (full duplex) Product Description Agilent's HHBA-5218 and HHBA-5219 are low profile, 2 Gb/s, 64-bit, 66 MHz PCI to Fibre Channel Adapters for enterprise Storage Area Network (SAN) applications. The low profile Fibre Channel Adapters provide auto-speed negotiation for seamless integration in one and two Gigabit environments. The low profile adapters are specifically designed for use in 1U and 2U servers. The versatility of the new Fibre Channel Adapters is based on Agilent's market-leading Tachyon Fibre Channel (FC) controllers, offering unmatched performance and flexibility. Broad Product Offering Agilent's low profile 2 Gb/s adapters support both fiber-optic and copper cable connections. For high-end applications where performance and reliability are critical, the HHBA-5219 comes with a Small Form Factor (SFF) embedded LC optical transceiver for use with mutimode optical cable. For applications requiring either an optical or copper interface, the HHBA-5218 includes a cage (receptacle) for a Small Form Factor Pluggable (SFP) LC optical or an HSSDC-2 copper transceiver. Scalable Performance Matches Demanding SAN Requirements The 2 Gb/s Fibre Channel Adapters are powered by Agilent Tachyon controllers, based on a Finite State Machine (FSM) architecture. The FSM allows performance to scale seamlessly with increased server CPU power. By contrast, processorbased adapters are limited by the maximum performance of the processor itself. Software Support Agilent offers a Tachyon Software Developer's Kit (TSDK) for Windows NT(R) 4.0, Linux environments and VXWorks. * Auto speed negotiation 1 or 2 Gb/s * LED link speed indicator * Loop and fabric boot BIOS, EFI support * FC class 2 and 3 * FC tape class 3 * Supports fibre channel arbitrated loop (FC-AL) including public loop and fabric (F- and FL-port login) * Copper and optical media interfaces - HHBA-5218: Small Form Factor Pluggable (SFP) cage - HHBA-5219: Small Form Factor (SFF) LC optical transceiver Applications * Storage Area Networks (SANs) * Clustering * Back-up * Near on-line storage * Video editing and CAD * Data mining * Data warehousing * OLTP * RAID and JBOD
Specifications
Fibre Channel Operation
Fibre Channel Data Rate Auto-Speed Negotiation BIOS Support Topology FC Service Class Upper Layer Protocol Loop Initialization Link Diagnostics Link Speed Compliance 2 Gbit/sec: 200 MBytes/sec (half duplex), 400 MBytes/sec (full duplex) 1 or 2 Gb/s INT13, Legacy BIOS for IA-64, Extensible Firmware Interface (EFI) Arbitrated Loop - Public and Private, Fabric support (F- and FL-login) Class 2 (ACK_0, ACK_1) and Class 3 SCSI FCP - On-chip automation of complete SCSI I/O Completely hardware-based for high availability Link Status indicators, internal/external loopback 2 Gb status indicator FC-PH, FC-AL, FC-PLDA, FCP-SCSI
PCI
Compliance Rate & Width Burst Transfer Rate Dual Address Cycle Support Hot Plug Support Additional PCI Features PCI Local Bus Specifications Rev. 2.2 66/33 MHz, 64/32-bit PCI 528 Mbytes/sec, guaranteed for length of frame, inbound & outbound at 64-bit, 66 MHz Yes (64-bit PCI addressing) Yes Zero wait state multiple cache line bursting capable up to full frame size, 32-byte cache line
Tachyon XL2 Architectural Features
Complete Hardware-based Design Less than one interrupt per I/O Numerous independent functional blocks concurrently processing inbound data, outbound data, control and commands in hardware Automation of complete I/O on-chip in hardware results in lowest latency & I/O overhead and highest levels of parallelism
Physical and Environmental
PCB Size PCB Power Supply Voltage Operating Temperature Range Storage Temperature Range Relative Humidity Low Profile PCI Card, MD2 form factor (length 6.6" x height 2.536") 7W max at 5V 5% 3.3V 5%, 5V 5% 0 to 55 Centigrade (no airflow) -40 to 70 Centigrade up to 90% (non-condensing)
Softwrae Support
Tachyon Software Developer's Kit (TSDK) Certifications FCC Class B CE VCC ITE Class C-TICK (AZ/NZS 3548) Windows NT 4.0 Linux Environments VXWorks US/FDA/CDRH Laser AEL Class 1 (2 CFR) TUV Rheinland Laser AEL Class 1 (EN60825-1+A11) Yes Yes
2
Product Offering
Low Profile Products HHBA-5218x HHBA-5218xP HHBA-5218xP1 HHBA-5219x HHBA-5219xP Standard Products HHBA-5220x HHBA-5220xP HHBA-5220xP1 HHBA-5221x HHBA-5221XP
Description
Single Adapter card with SFP transceiver cage Bulk packaging includes Adapter card with SFP transceiver cage Bulk packaging includes Adapter card with SFP optical transceiver Single Adapter card with SFF transceiver Bulk packaging Adapter card with SFF transceiver
Single Adapter card with SFP transceiver cage Bulk packaging includes Adapter card with SFP transceiver cage Bulk packaging includes Adapter card with SFP optical transceiver Single Adapter card with SFF transceiver Bulk packaging Adapter card with SFF transceiver
3
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. Obsoletes 5988-6668EN July 25, 2002 5988-7406EN


▲Up To Search▲   

 
Price & Availability of HHBA-5221XP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X